PART |
Description |
Maker |
311 3111630002 3110800002 3111100002 3111125002 31 |
MINIATURE FUSES - 5x20 mm
|
LITTELFUSE[Littelfuse]
|
IEC60127-2/V |
MINIATURE FUSES - 5x20 mm
|
Littelfuse, Inc.
|
FDI 8601.2000 8601.2001.08 8601.2005 8601.2005.08 |
Inline Fuseholder, 5x20 / 6.3x32 mm
|
Schurter Inc.
|
ADP3804 ADP3804JRU ADP3804JRU-125 ADP3804JRU-126 A |
0.3-25V; high frequency switch mode li-ion battery charger. For portable computers, fast chargers Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 220uF; Voltage: 35V; Case Size: 12.5x20 mm; Packaging: Bulk Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 330uF; Voltage: 35V; Case Size: 12.5x20 mm; Packaging: Bulk 高频开关模式锂离子电池充电
|
AD[Analog Devices] Analog Devices, Inc.
|
GRM4.4202.013 GRM4.4202.123 GRM4.4222.013 GRM4.422 |
mounting, line switch, fuseh. 5x20 mm with/without voltage sel
|
Schurter Inc.
|
MJTP1122A MJTP1122B MJTP1137 MJTP1137A MJTP1194 MJ |
FUSEHOLDER'8A W/5X20 FST SMD MJTP SERIES ULTRA-MINIATURE TACT SWITCHES MJTP系列超微型轻触开
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
5MT1 5MTP1.6-R 5MT200-R 5MTP3.5-R |
Fuses, RoHS 3.5A 125V M UL GLASS LEAD Fuses, 1A 250V M UL GLASS 5X20 Fuses, RoHS 1.6A 250V M UL GLASS LEAD MEDIUM BLOW ELECTRIC FUSE, 1.6A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 200mA 250V M UL GLASS 5X20 MEDIUM BLOW ELECTRIC FUSE, 0.2A, 125VAC, 10000A (IR), INLINE/HOLDER
|
BEL FUSE INC Bel Fuse, Inc.
|
K11044 K11044-44C K11044TL TK11044M-1 |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 820uF; Voltage: 25V; Case Size: 12.5x20 mm; Packaging: Bulk TEMPERATURE SENSOR IC
|
TOKO Inc. TOKO Inc TOKO[TOKO, Inc]
|
5SFP8-R 5SF8-R 5SF10-R 5SF1.6-R 5SFP630-R BELFUSEI |
Fuses, RoHS 8A 250V F IEC GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 35A (IR), THROUGH HOLE Fuses, RoHS 8A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 10A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 10A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 1.6A 250V F IEC GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.6A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, RoHS 630mA 250V F IEC GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
4303.2037.01 4303.2037.10 4303.2037.03 4303.2037.1 |
Fusedrawer for Fuse Links 5x20 mm resp. 6.3x32 mm
|
Schurter Inc.
|
5MF8-R 5MFP8-R 5MF1.5-R 5MFP4-R 5MFP300-R 5MFP125- |
Fuses, RoHS 8A 125V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), INLINE/HOLDER Fuses, RoHS 8A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 1.5A 250V F UL GLASS 5X20 FAST BLOW ELECTRIC FUSE, 1.5A, 250VAC, 200A (IR), INLINE/HOLDER Fuses, RoHS 4A 125V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 4A, 125VAC, 10000A (IR), THROUGH HOLE Fuses, RoHS 300mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.3A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 125mA 250V F UL GLASS LEAD FAST BLOW ELECTRIC FUSE, 0.125A, 250VAC, 200A (IR), THROUGH HOLE FAST BLOW ELECTRIC FUSE, 0.4A, 250VAC, 200A (IR), THROUGH HOLE Fuses, RoHS 3.5A 125V F UL GLASS LEAD
|
Bel Fuse, Inc. BEL FUSE INC
|
|